Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2016 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML2016
Description  Lithium Manganese Dioxide Rechargeable Batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML2016 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML2016 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2/2
* Nominal capacity indicates duration until the voltage drops down to 2.0V when discharged at a nominal discharge current at 20 deg. C.
** Dimensions and weight are for the battery itself, but may vary depending on the shape of terminals or other factors.
Hitachi Maxell, Ltd.
2-8-12, Iidabashi, Chiyoda-ku, Tokyo 102-8521, Japan
http://www.maxell.com
• Data and dimensions are just reference values. For further details,
please contact us at your nearest Maxell office.
• Contents on this website are subject to change without notice.
Date of issue: Aug, 2003
• How to select the protective resistance for the current control
The maximum charge current flows in the battery when charged at an end voltage of 2V. Therefore, the value of resistance is calculated using this
equation:
(R) >= ((Output Voltage of Voltage Regulator) - 2) / (Nominal Charge Current)
For example, the S-812C series, which has a maximum input voltage of 18V, or the S-817 series with a maximum input voltage of 10V (Seiko Instruments
Inc.) can be used as a voltage regulator.
Note 1: If the main power source voltage is stable, the charge voltage can be allotted from main power source divided by the combination of resistances.
Note 2: Because the battery height must be changed by the charge and discharge cycle, place a minimum of 1mm of space between the battery and
device or chassis.
The battery may be regulated by national or local regulation. Please follow the
instructions of proper regulation. As electric capacity is left in a discarded
battery and it comes into contact with other metals, it could lead to distortion,
leakage, overheating, or explosion, so make sure to cover the (+) and (-)
terminals with friction tape or some other insulator before disposal.
ML
Lithium Manganese Dioxide Rechargeable Batteries
Warnings
Model
Output Voltage of Voltage Regulator
3.1V
3.2V
ML2032
> 550 ohm
> 600 ohm
ML2016
> 550 ohm
> 600 ohm
ML1220
> 1.1K ohm
> 1.2K ohm
Table 2 Example of resistance
• Recommended circuits
Please refer to the representative basic circuits shown below. If you have any questions about circuit design, please feel free to cantact Maxell.
Voltage
Regulator
Load
Disposal
Tape
Battery
Example of vattery insulation
+
–
R
D
D: Diode; R: Resistance
To 16V
+
–
GND
ML
(3.0-3.3V)
• Use within the rated temperature range of - 20 to + 60 deg C.
Otherwise, the battery's charge and discharge characteristics may be reduced.
• Never expose the battery to ultrasonic sound.
Exposing the battery to ultrasonic sound may cause short-circuiting because the inside material is broken into pieces, leading to distortion, leakage,
overheating, explosion, or fire.
• Never subject the battery to severe shock.
Dropping, throwing, or stomping on the battery may cause distortion, leakage, overheating, explosion, or fire.
• Never use or leave the battery in a hot place such as under the direct rays of the sun or in a car in hot weather.
If you do, this may cause distortion, leakage, overheating, explosion, or fire.
• Never allow the battery to come in contact with water.
If it does, this may cause the battery to rust or lead to distortion, leakage, overheating, explosion, or fire.
• Never store the battery in a hot and highly humid environment.
Doing so may cause the performance of the battery to deteriorate. In certain environments, this may lead to distortion, leakage, overheating, explosion, or
fire.
Handling/Storage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com