Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML2016
Description  Lithium Manganese Dioxide Rechargeable Batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML2016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML2016 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* Nominal capacity indicates duration until the voltage drops down to 2.0V when discharged at a nominal discharge current at
20 deg. C.
** Dimensions and weight are for the battery itself, but may vary depending on the shape of terminals or other factors.
Hitachi Maxell, Ltd.
2-8-12, Iidabashi, Chiyoda-ku, Tokyo 102-8521, Japan
http://www.maxell.com
Values of data are not guaranteed.
All features and specifications are subject to change without notice.
Date of issue: June, 2003
Data Sheet
Model
ML2016
System
(Li-Al) alloy-Manganese Dioxide/Organic Electrolyte
Nominal Voltage (V)
3
Nominal Capacity (mAh)*
25
Nominal Discharge Current ( A)
200
Charge/Discharge Cycle Lifetime
Depth of Discharge = 10%
1,500 (2.5 mAh discharge) (total capacity 3,750 mAh)
Depth of Discharge = 20%
500 (5 mAh discharge) (total capacity 2,500 mAh)
Temperature Ranges (deg. C)
min.
max.
Operating
–20
+60
Weight (g)**
1.8
Dimensions (mm)**
Diameter
20
Height
1.6
UL Recognition
MH12568 (N)
Characteristics
ML2016
Lithium Manganese Dioxide Rechargeable Batteries
Available Terminals and Wire Connectors
Check http://www.maxell.co.jp/e/products/industrial/battery/pdf/ml2016e_.pdf for diagrams of
batteries with terminals.
0
20
40
60
80
100
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Charge voltage (V)
Recommended area
Prohibited
area
FV = 2.0V
ø20.0
ø15.8
(–)
(+)
3.5
3.0
2.5
2.0
1.5
1.0
0
10
5
15
20
25
30
Discharge capacity (mAh)
Temperature: 20 deg. C
30k
15k
100k
240k
G
Discharge Characteristics
G
Charge Property
3.5
3.0
2.5
2.0
1.5
1.0
60
40
20
0
80
100
120
140
160
180
Discharge duration time (h)
Discharge load: 15k
–20 deg. C
0 deg. C
60 deg. C
20 deg. C
G
Temperature Characteristics
Discharge current (
µA)
100
101
102
Discharge final voltage: 2V Temperature: 20 deg. C
104
103
102
101
100
G
Relationship between Discharge Current and Duration Time
1/2


Similar Part No. - ML2016

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
ML2016 MAXWELL-ML2016 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML2016T17 MAXWELL-ML2016T17 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML2016T25 MAXWELL-ML2016T25 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML2016T26 MAXWELL-ML2016T26 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML2016T6 MAXWELL-ML2016T6 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results

Similar Description - ML2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2025 ETC-CR2025 Datasheet
238Kb / 1P
Manganese Dioxide Lithium Coin Batteries
CR2354 ETC-CR2354 Datasheet
270Kb / 1P
Manganese Dioxide Lithium Coin Batteries
CR1616 ETC-CR1616 Datasheet
267Kb / 1P
Manganese Dioxide Lithium Coin Batteries
logo
Panasonic Battery Group
2CR5 PANASONICBATTERY-2CR5 Datasheet
31Kb / 1P
Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
Manganese Titanium Lithium Rechargeable Batteries
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
Manganese Titanium Lithium Rechargeable Batteries
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220T9 MAXWELL-ML1220T9 Datasheet
1,002Kb / 9P
LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
logo
List of Unclassifed Man...
CR17450 ETC1-CR17450_V01 Datasheet
554Kb / 1P
Lithium Manganese Dioxide(Li-MnO2)Batteries
November.2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com