Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP28X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # STP28X
Description  Keystone Shielded Solution – EMEA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STP28X Datasheet(HTML) 1 Page - PANDUIT CORP.

  STP28X Datasheet HTML 1Page - PANDUIT CORP. STP28X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keystone Shielded Solution – EMEA
Shielded Copper Cable
• Shielded design provides exceptional performance up to 500 MHz
(Category 6A)
• Shielding significantly reduces near-end and far-end alien crosstalk between
adjacent cables
• Shielded Category 6A F/FTP 23 AWG cable is EuroClass Cca-s1a-d1-a1
• Delta component compliant Category 6A jack
• Tool-less termination utilizes a wire cap secured inside a die-cast housing
• The die-cast housing provides a robust design to protect against
physical and electromagnetic damage
Keystone Shielded Jack Modules
• Modular metal design with integrated shielding allows Keystone
jacks to easily snap in, providing seamless integration with
Panduit™ StructuredGround™ Grounding System
• A built-in strain relief bar secures individual cables and provides
proper cable support
• Dedicated areas allow for port and panel identification; labels
are covered in a clear plastic window to protect against damage
Keystone All Metal Shielded Modular Patch Panels
• Category 6A F/UTP 26 AWG LSZH/CM stranded cable patch cord
• 100% production tested for wire map, NEXT, and return loss
• Label provides identification of performance level, length, and
quality control number for future traceability
Shielded Patch Cords
Integral pair manager ensures
consistency and high performance
• Keystone modules snap in and out of the 86mm X 86mm faceplate for
easy moves, adds and changes
• 45° sloped ports facilitate cable flow and provide additional cable room
• The spring-loaded shutter keeps jacks protected from dust and
debris when not in use
Keystone Faceplates
Foil shield in cable
prevents unwanted
alien crosstalk


Similar Part No. - STP28X

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STP28X0.2M PANDUIT-STP28X0.2M Datasheet
95Kb / 2P
Category 6A Performance 28 AWG Shielded Patch Cords
5/2019
STP28X1MBU PANDUIT-STP28X1MBU Datasheet
95Kb / 2P
Category 6A Performance 28 AWG Shielded Patch Cords
5/2019
STP28XMIG PANDUIT-STP28XMIG Datasheet
95Kb / 2P
Category 6A Performance 28 AWG Shielded Patch Cords
5/2019
More results

Similar Description - STP28X

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45KS-R ASSMANN-A-RJ45KS-R Datasheet
184Kb / 1P
RJ45 SHIELDED CAT5 110D KEYSTONE JACK
A-TA3534-R ASSMANN-A-TA3534-R Datasheet
79Kb / 1P
Keystone Jack Cat5e
A-TA3535-R ASSMANN-A-TA3535-R Datasheet
47Kb / 1P
Keystone Jack Cat6
logo
List of Unclassifed Man...
AX102415 ETC2-AX102415 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102416 ETC2-AX102416 Datasheet
174Kb / 2P
Keystone Multimedia Modules
logo
Adam Technologies, Inc.
MTJK-88-02-C5E ADAM-TECH-MTJK-88-02-C5E Datasheet
81Kb / 1P
MODULAR KEYSTONE JACK
logo
Pulse A Technitrol Comp...
E6188-111025 PULSE-E6188-111025 Datasheet
59Kb / 1P
FULLY SHIELDED CAT.5 KEYSTONE JACK
logo
Tripp Lite. All Rights ...
N238-001-SH-TFA TRIPPLITE-N238-001-SH-TFA Datasheet
169Kb / 2P
Toolless Shielded Cat6a Keystone Jack, PoE/PoE Compliant, Shuttered - Silver, TAA
logo
METZ CONNECT GmbH
130B21-25-E METZ-130B21-25-E Datasheet
1Mb / 7P
25Gmodul - Keystone
2022/12/16 Version: F
logo
Keystone Electronics Co...
556TR KEYSTONE-556TR Datasheet
395Kb / 2P
KEYSTONE ELECTRONICS CORP.
8.11.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com