Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 18 Page - Nexperia B.V. All rights reserved

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4053 Datasheet(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button 74HC4053_V01 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 22Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 10 February 2016
18 of 31
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[1]
tpd is the same as tPHL and tPLH.
[2]
ton is the same as tPZH and tPZL.
[3]
toff is the same as tPHZ and tPLZ.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
N = number of inputs switching;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE =0 V
-
-
66
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
47
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE =0 V
-
-
66
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
47
ns
Table 10.
Dynamic characteristics for 74HCT4053 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 13. Input (Vis) to output (Vos) propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com