Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4053 Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4053 Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button 74HC4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4053_V01 Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 10 February 2016
20 of 31
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[1]
tr = tf = 6 ns; when measuring fmax, there is no constraint to tr and tf with 50 % duty factor.
[2]
VI values:
a) For 74HC4053: VI = VCC
b) For 74HCT4053: VI = 3 V
11.1 Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
Table 11.
Test data
Test
Input
Load
S1 position
VI
Vis
tr, tf
CL
RL
at fmax
other[1]
tPHL, tPLH
[2]
pulse
< 2 ns
6 ns
50 pF
1 k
open
tPZH, tPHZ
[2]
VCC
< 2 ns
6 ns
50 pF
1 k
VEE
tPZL, tPLZ
[2]
VEE
< 2 ns
6 ns
50 pF
1 k
VCC
Table 12.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb =25 C; CL =50 pF.
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nYn or nZ, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
dsin
sine-wave distortion
fi = 1 kHz; RL =10k; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = 2.25 V
-
0.04
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = 4.5 V
-
0.02
-
%
fi =10 kHz; RL =10k; see Figure 16
Vis = 4.0 V (p-p); VCC = 2.25 V; VEE = 2.25 V
-
0.12
-
%
Vis = 8.0 V (p-p); VCC = 4.5 V; VEE = 4.5 V
-
0.06
-
%
iso
isolation (OFF-state)
RL = 600 ; fi = 1 MHz; see Figure 17
VCC = 2.25 V; VEE = 2.25 V
[1]
-
50
-
dB
VCC = 4.5 V; VEE = 4.5 V
[1]
-
50
-
dB
Xtalk
crosstalk
between two switches/multiplexers;
RL = 600 ; fi = 1 MHz; see Figure 18
VCC = 2.25 V; VEE = 2.25 V
[1]
-
60
-
dB
VCC = 4.5 V; VEE = 4.5 V
[1]
-
60
-
dB
Vct
crosstalk voltage
peak-to-peak value; between control and any
switch; RL =600 ; fi = 1 MHz; E or Sn square
wave between VCC and GND; tr =tf =6ns;
see Figure 19
VCC = 4.5 V; VEE =0 V
-
110
-
mV
VCC = 4.5 V; VEE = 4.5 V
-
220
-
mV
f(3dB)
3 dB frequency response
RL =50 ; see Figure 20
VCC = 2.25 V; VEE = 2.25 V
[2]
-
160
-
MHz
VCC = 4.5 V; VEE = 4.5 V
[2]
-
170
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com