Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000VPC-BK Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # T024X000VPC-BK
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000VPC-BK Datasheet(HTML) 5 Page - PANDUIT CORP.

  T024X000VPC-BK Datasheet HTML 1Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 2Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 3Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 5Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 6Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 7Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 8Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Die-Cut Vinyl Cloth Labels
5
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Non-laminated adhesive labels for wire/cable identification
• Vinyl cloth labels can be repositioned or reused
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Provides larger label area for small cables
• Innovative design allows flag labels to be applied in either adhesive or non-adhesive orientations
Order number of cassettes required.
Polyester (AJ)
-40°F to 302°F (-40°C to 150°C)
Vinyl Cloth (CB)
50°F to 170°F (10°C to 77°C)
Nylon Cloth (C1, C2)
-40°F to 285°F (-40°C to 140°C)
Continuous Vinyl Cloth Tape
*Perforated labels can be used as full-sized or half-sized markers.
Order number of cassettes required.
Order number of cassettes required.
Part Number
Color
Width
Length
Min. Cable O.D.
Max. Wire O.D.
Wire Range
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
F100X150AJC
White
1.00
25.4
1.50
38.1
0.12
3.1
0.20
5.1
12 – 10 AWG
200
1
10
Die-Cut Nylon Cloth Labels
Order number of cassettes required.
Part Number
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T050X000CBC-BK
White
0.50
12.7
12.5
3.8
1
10
T100X000CBC-BK
White
1.00
25.4
12.5
3.8
1
10
Part Number
Color
Width
Length
Min. Cable O.D.
Max. Wire O.D.
Wire Range
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
N050X075C1C
White
0.50
12.7
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
250
1
10
N050X075C2C
Yellow
0.50
12.7
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
250
1
10
N050X125C1C
White
0.50
12.7
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
150
1
10
N050X125C2C
Yellow
0.50
12.7
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
150
1
10
N100X075C1C
White
1.00
25.4
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
250
1
10
N100X075C2C
Yellow
1.00
25.4
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
250
1
10
N100X125C1C
White
1.00
25.4
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
150
1
10
N100X125C2C
Yellow
1.00
25.4
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
150
1
10
10
1
125
12 – 10 AWG
4.1
0.16
3.1
0.12
19.1
0.75
25.4
1.00
White
N100X075CBC
Part Number
Color
Width
Length
Min. Cable O.D.
Max. Wire O.D.
Wire Range
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
N050X075CBC* White
0.50
12.7
0.75
19.1
0.12
3.1
0.16
4.1
12 – 10 AWG
125
1
10
N050X150CBC* White
0.50
12.7
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
75
1
10
N100X125CBC* White
1.00
25.4
1.25
31.8
0.20
5.1
0.32
8.1
10 – 6 AWG
75
1
10
N100X150CBC
White
1.00
25.4
1.50
38.1
0.24
6.1
0.40
10.2
8 – 2 AWG
75
1
10
N100X175CBC* White
1.00
25.4
1.75
44.5
0.28
7.1
0.48
12.2
6 – 1 AWG
50
1
10
Flag Label Cassettes
Non-Laminated Label Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com