Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000VPC-BK Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # T024X000VPC-BK
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000VPC-BK Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button T024X000VPC-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 5Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 6Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 7Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 8Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 9Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 10Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 11Page - PANDUIT CORP. T024X000VPC-BK Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
^Product meets print performance requirements of MIL-M-81531 and MIL-STD-202F Method 215A, Solution A, C, and D.
‡Material is RoHS compliant per European Directive 2002/95/EC on the Restriction of Hazardous Substances (RoHS).
Material Type
Temperature
Range
Description
Color(s)
Outdoor
Rated
UL
Recognized
RoHS
Compliant‡
-67°F to 275°F
(-55°C to 135°C)
Heat Shrinkable Polyolefin^
Polyolefin heat shrink for wire and cable
marking applications, excellent print quality.
White
Yellow
Yes
UL 224
Yes
-40°F to 285°F
(-40°C to 140°C)
Nylon Cloth, Adhesive
General purpose material for wire and cable
marking as well as flat surfaces; superior
legibility; not repositionable.
White
Yellow
No
No
Yes
-40°F to 302°F
(-40°C to 150°C)
Polyester, Adhesive
General purpose material for component
labeling; excellent print quality; does not stretch
or easily tear.
Clear
Yes
UL 969
Yes
-10°F to 302°F
(-23°C to 150°C)
Polyester,
Non-Adhesive
Non-adhesive material ideal for network systems
labeling; provides durability, high temperature
resistance, and dimensional stability.
White
Yes
No
Yes
-40°F to 302°F
(-40°C to 150°C)
Polyester, Super-Tack
Adhesive
Extra strength adhesive material ideal for
rough, textured, or coated surfaces.
White
Yes
Yes
Yes
-58°F to 221°F
(-50°C to 105°C)
Polyester/Polyolefin,
Combination
Non-Adhesive
Non-adhesive marker plates offer crisp, clear
legends with superior legibility; attachable in a
horizontal or vertical orientation.
White
Yellow
Yes
No
Yes
-40°F to 180°F
(-40°C to 82°C)
Polymer Film, Adhesive
Indoor/outdoor rated; heavy duty reflective
material for flat applications and safety and
facility identification; resistant to UV light,
chemical atmosphere and abrasion.
White
Orange
Yellow
Yes
Yes
Yes
-40°F to 302°F
(-40°C to 150°C)
Ideal for flag type, wire and cable marking;
unique design can be applied in adhesive and
non-adhesive orientations.
White
Yes
Yes
Yes
-40°F to 150°F
(-40°C to 66°C)
Self-laminating film for wire and cable
labeling; unique design allows labels to
rotate or slide after installation.
Yes
No
Yes
50°F to 170°F
(10°C to 77°C)
Vinyl Cloth, Adhesive
General purpose material, vinyl impregnated
cloth resists oil and abrasion; material can
be removed, repositioned, and reused.
White
Yes
UL 969
Yes
-50°F to 225°F
(-46°C to 107°C)
-58°F to 176°F
(-50°C to 80°C)
Vinyl, Adhesive
General purpose material for pipe marking,
bin marking and facility identification;
conformable material for flat applications
in indoor or outdoor environments.
White
Yes
UL 969
Yes
Black
Blue
Green
Orange
Red
Yellow
Yes
UL 969
Yes
-40°F to 150°F
(-40°C to 66°C)
Self-Laminating Vinyl,
Adhesive
Self-laminating film for most general wire and
cable labeling; conformable material.
White
TIA Blue
TIA Green
TIA Red
TIA Yellow
Print-On
White
TIA Blue
TIA Green
TIA Red
TIA Yellow
Print-On
Yes
UL 969
Yes
-40°F to 180°F
(-40°C to 82°C)
Polyolefin, Adhesive
Durable, pliable material with permanent
adhesive for terminal block and network
component labels.
White
Yes
No
Yes
-10°F to 311°F
(-23°C to 155°C)
General purpose material for component
labeling; excellent print quality; does not stretch
or easily tear.
Silver
White
Yellow
Yes
Yes
-40°F to 176°F
(-40°C to 80°C)
Polyolefin, Tamper
Resistant
Tamper resistant, destructible material
designed to prevent easy removal.
White
No
UL 969
Yes
Yes
Yes
Yes
No
Label Material Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com