Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G07GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G07GS
Description  Buffer with open-drain output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G07GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G07GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74LVC1G07 provides the non-inverting buffer.
The output of this device is an open drain and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant input/output for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 C to +85 C and 40 C to +125 C
74LVC1G07
Buffer with open-drain output
Rev. 12 — 28 November 2016
Product data sheet


Similar Part No. - 74LVC1G07GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G07GS NEXPERIA-74LVC1G07GS Datasheet
266Kb / 17P
Buffer with open-drain output
Rev. 16 - 3 February 2022
74LVC1G07GS NEXPERIA-74LVC1G07GS Datasheet
293Kb / 18P
Buffer with open-drain output
Rev. 18 23 September 2024
74LVC1G07GS-Q100 NEXPERIA-74LVC1G07GS-Q100 Datasheet
219Kb / 12P
Buffer with open-drain output
Rev. 5 - 3 February 2022
74LVC1G07GS-Q100 NEXPERIA-74LVC1G07GS-Q100 Datasheet
242Kb / 13P
Buffer with open-drain output
Rev. 7 23 September 2024
74LVC1G07GS-Q100 NEXPERIA-74LVC1G07GS-Q100 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
More results

Similar Description - 74LVC1G07GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
Buffer with open-drain output
2002 Oct 02
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
Buffer with open-drain output
Rev. 08-17 July 2007
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
Buffer with open-drain output
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
Buffer with open-drain output
Rev. 5 - 3 February 2022
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
Buffer with open-drain output
Rev. 9 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com