Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA427A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA427A
Description  50 ohm / 50ohm Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA427A Datasheet(HTML) 3 Page - STMicroelectronics

  SMA427A Datasheet HTML 1Page - STMicroelectronics SMA427A Datasheet HTML 2Page - STMicroelectronics SMA427A Datasheet HTML 3Page - STMicroelectronics SMA427A Datasheet HTML 4Page - STMicroelectronics SMA427A Datasheet HTML 5Page - STMicroelectronics SMA427A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
SMA427A
-40
-35
-30
-25
-20
-15
-10
500
1000
1500
2000
2500
f (M Hz)
Vcc = 3V
Vcc = 5V
S-Parameters
Noise Figure vs. Frequency
0
0.5
1
1.5
2
2.5
3
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
f (MHz)
Vcc = 5V
Vcc = 3V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
500
1000
1500
2000
2500
f (MHz)
Vcc = 3V
Vcc = 5V
8
10
12
14
16
18
20
22
24
26
28
30
500
1000
1500
2000
2500
f (M Hz)
Vcc = 3V
Vcc = 5V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
500
1000
1500
2000
2500
f (M Hz)
Vcc = 3V
Vcc = 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com