Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA427A Datasheet (PDF) - STMicroelectronics

SMA427A Datasheet PDF - STMicroelectronics
Part # SMA427A
Download  SMA427A Download
File Size   92.76 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 ohm / 50ohm Low Noise Amplifier

SMA427A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA427A Datasheet PDF - STMicroelectronics

Part # SMA427A
Download  SMA427A Click to download

File Size   92.76 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 ohm / 50ohm Low Noise Amplifier

SMA427A Datasheet (HTML) - STMicroelectronics


SMA427A Product details

DESCRIPTION
SMA427A is a product of the SMA Family (Silicon MMIC Amplifiers). Housed in the ultra miniature 4-lead SC-70 (SOT323-4L LEAD FREE) surface mount plastic package, it embeds the state of the art Silicon ST technology. The amplifier application shows excellent RF performance using only two external component in the 1000-2000MHz frequency range.

• CASCADABLE 50 ohm-GAIN BLOCK
• UNCONDITIONALLY STABLE
• GAIN |S21|2 = 17 dB at 1.8 GHz
• IP3out = +7.4 dBm at 1.575 GHz (VD = 3 V, ID = 9.5 mA)
• NOISE FIGURE NF = 2.2 dB at 1.8 GHz
• TYPICAL DEVICE VOLTAGE VD = 2 V to 5 V
• ULTRA MINIATURE SOT323-4L PACKAGE (LEAD FREE)

APPLICATIONS
   LNA FOR 1-2 GHz APPLICATIONS (GPS, Cellular..)




Similar Part No. - SMA427A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA4203 SANYO-SMA4203 Datasheet
31Kb / 3P
Oscillator IC for Laser Diode Noise Suppression Applications
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
logo
Solid State Inc
SMA4217 SOLIDSTATE-SMA4217 Datasheet
327Kb / 8P
High Input-to-Output Isolation (1500V MIN)
03/05/2014
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
logo
Solid State Inc
SMA4240 SOLIDSTATE-SMA4240 Datasheet
356Kb / 7P
1A Maximum Continuous Load Current
More results


Similar Description - SMA427A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
logo
Mini-Circuits
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
logo
ANADIGICS, Inc
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Rev 2.1
logo
Tyco Electronics
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
logo
ANADIGICS, Inc
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
50ohm High Linearity Low Noise Wideband Gain Block
logo
Pasternack Enterprises,...
PE1517 PASTERNACK-PE1517 Datasheet
387Kb / 2P
Low Noise Amplifier 50 to 1000 MHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com