Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G19GS
Description  1-of-2 decoder/demultiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G19GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G19GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G19GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74LVC1G19
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 2 December 2016
2 of 18
NXP Semiconductors
74LVC1G19
1-of-2 decoder/demultiplexer
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G19GW
40 Cto +125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G19GV
40 Cto +125 C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G19GM
40 Cto +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G19GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G19GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G19GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC1G19GW
VY
74LVC1G19GV
V19
74LVC1G19GM
VY
74LVC1G19GF
VY
74LVC1G19GN
VY
74LVC1G19GS
VY
Fig 1.
Logic symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com