Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G19GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G19GS
Download  74LVC1G19GS Download
File Size   189.42 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-2 decoder/demultiplexer

74LVC1G19GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G19GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G19GS
Download  74LVC1G19GS Click to download

File Size   189.42 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-2 decoder/demultiplexer

74LVC1G19GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G19GS Product details

General description
The 74LVC1G19 is a 1-of-2 decoder/demultiplexer with a common output enable. This
device buffers the data on input A and passes it to the outputs 1Y (true) and 2Y
(complement) when the enable (E) input signal is LOW.
Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of
these devices in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 24 mA output drive (VCC = 3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74LVC1G19GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19GS NXP-74LVC1G19GS Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Nexperia B.V. All right...
74LVC1G19GS NEXPERIA-74LVC1G19GS Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Similar Description - 74LVC1G19GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com