Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000VPC-BK Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # T024X000VPC-BK
Description  P1™ Continuous Tape Cassettes for PanTher™ LS8E and Cougar™ LS9 Hand-Held Thermal Transfer Printers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000VPC-BK Datasheet(HTML) 1 Page - PANDUIT CORP.

  T024X000VPC-BK Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
P1™ Continuous Tape Cassettes for PanTher™ LS8E and Cougar™ LS9
Hand-Held Thermal Transfer Printers
• P1™ Label Cassette contains an integrated memory device
for automatic formatting, recall of last legend used, and
number of labels remaining in the cassette
• Fast loading label cassette includes both label material
and ribbon to make changing labels easy
• Labels for general network identification
• Available in a variety of colors, widths, and adhesive
materials including continuous polyolefin, polyester,
and vinyl
• For flat label applications only
*Available with white ribbon, replace BK suffix with WH.
Order number of cassettes required.
Part Number
Part Description
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T019X000FJC-BK
Black on white, polyolefin module label tape.
0.19
4.8
25.0
7.6
1
10
T024X000FJC-BK
Black on white, polyolefin tape, terminal block label.
0.24
6.1
25.0
7.6
1
10
T024X000VPC-BK*
Black on white, vinyl tape.
0.24
6.1
25.0
7.6
1
10
T024X000VYC-WH
White on black, vinyl tape.
0.24
6.1
25.0
7.6
1
10
T024X000YKC-BK*
Black on clear, polyester continuous tape.
0.24
6.1
25.0
7.6
1
10
T031X000FJC-BK
Black on white, polyolefin tape, terminal block label.
0.31
7.9
25.0
7.6
1
10
T038X000FJC-BK
Black on white, polyolefin tape, terminal block label.
0.38
9.7
25.0
7.6
1
10
T038X000VPC-BK
Black on white, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VQC-BK*
Black on blue, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VSC-BK*
Black on green, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VUC-BK
Black on orange, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VWC-BK*
Black on red, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VXC-BK
Black on yellow, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000VYC-WH
White on black, vinyl tape.
0.38
9.7
25.0
7.6
1
10
T038X000YKC-BK
Black on clear, polyester tape.
0.38
9.7
25.0
7.6
1
10
T050X000VPC-BK
Black on white, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VQC-BK*
Black on blue, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VSC-BK*
Black on green, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VUC-BK
Black on orange, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VWC-BK*
Black on red, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VXC-BK
Black on yellow, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000VYC-WH
White on black, vinyl tape.
0.50
12.7
25.0
7.6
1
10
T050X000YKC-BK*
Black on clear, polyester tape.
0.50
12.7
25.0
7.6
1
10
T075X000VPC-BK
Black on white, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VQC-BK*
Black on blue, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VSC-BK*
Black on green, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VUC-BK
Black on orange, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VWC-BK*
Black on red, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VXC-BK
Black on yellow, vinyl tape.
0.75
19.1
25.0
7.6
1
10
T075X000VYC-WH
White on black, vinyl continuous tape.
0.75
19.1
25.0
7.6
1
10
T075X000YKC-BK
Black on clear, polyester tape.
0.75
19.1
25.0
7.6
1
10
T100X000VPC-BK
Black on white, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VQC-BK*
Black on blue, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VSC-BK*
Black on green, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VUC-BK
Black on orange, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VWC-BK*
Black on red, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VXC-BK
Black on yellow, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000VYC-WH
White on black, vinyl tape.
1.00
25.4
25.0
7.6
1
10
T100X000YKC-BK*
Black on clear, polyester tape.
1.00
25.4
25.0
7.6
1
10


Similar Part No. - T024X000VPC-BK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
T024X000VPC-BK PANDUIT-T024X000VPC-BK Datasheet
1Mb / 12P
PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
1/2016
More results

Similar Description - T024X000VPC-BK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
UILS8BW PANDUIT-UILS8BW Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
logo
Molex Electronics Ltd.
ATS-640160201 MOLEX-ATS-640160201 Datasheet
265Kb / 6P
Hand Crimp Tool for C-Grid SL™, SPOX™, Micro Fit ™, and 0.100” KK™ Terminals
06-16-08
logo
List of Unclassifed Man...
RTAZS ETC2-RTAZS Datasheet
793Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/2/2022
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
List of Unclassifed Man...
RTAZS ETC-RTAZS_V01 Datasheet
792Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/24/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com