Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3527 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3527
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3527 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3527 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3527 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon NPN Transistor
2SC3527
www.iscsemi.com
1
FEATURES
· BVCEO > 400V
· IC = 15A
· High speed switching
APPLICATIONS
· Designed for switching regulator and high voltage
switching applications
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter peak Voltage
400
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
ICP
Peak Pulse Current
25
A
PC
Collector Power Dissipation
100
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.25
℃
/W


Similar Part No. - 2SC3527

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3527 PANASONIC-2SC3527 Datasheet
68Kb / 1P
Silicon PNP Triple-Diffused Planar Type
More results

Similar Description - 2SC3527

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2N6739 ISC-2N6739 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
2SC937 ISC-2SC937 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com