Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15030068. Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 15030068.
Description  Installation / LED/Buzzer 150
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

15030068. Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  15030068. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 15030068. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 15030068. Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techn. datasheet
Installation / LED/Buzzer 150
LED Buzzer EM Contin. tone 230VAC YE
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/3
14.09.2022 / 150.300.68
Part No.: 150.300.68
MECHANICAL DATA
Height
74 mm
Diameter
50 mm
Materials
PC
PC/ABS
Dome colour
Yellow
Housing colour
Black
Protection category
IP65
Connection
Screw terminals
cross-sectional area maximum
1,50mm² / 16AWG
Type of fixing
Built-in mounting
Working temperature minimum
-20°C
Working temperature maximum
+50°C
Weight with packaging
50 g
Product weight
38 g
ELECTRICAL DATA
Operating voltage
230V
Operating voltage type
AC
Operating voltage frequency
50Hz
Operating voltage tolerance
+/- 10%
Rated operational voltage
230 VAC
Rated operational current
12 mA
Rated inrush current
500 mA
Protection class
Protection class 2
Pollution degree
3
In the connection area: 2
Overvoltage category
II
Isolation voltage
Ui = 250V; Uimp = 2.500V
OPTICAL DATA
Light source
LED
Light colour
Yellow
Optical signal image
Permanent
Service life optical
50,000 h maximum
ACOUSTIC DATA
Volume (max) at 1m distance
80,0 dB (A)
Acoustic signal image
Continuous tone
Audio frequency
2800 Hz
Acoustic service life
5,000 h minimum


Similar Part No. - 15030068.

ManufacturerPart #DatasheetDescription
logo
WERMA Signaltechnik Gmb...
15030055 WERMA-15030055 Datasheet
162Kb / 1P
Optical-Audible Signal Devices
22/04/2009
More results

Similar Description - 15030068.

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
Installation Instructions
logo
OptoSupply Internationa...
OSPL4X01-M5Z3E1C1E OPTOSUPPLY-OSPL4X01-M5Z3E1C1E Datasheet
888Kb / 3P
4PCS Xeon 1 Power LED Long life, easy installation
OST25WG12GD-R5RU5F71B OPTOSUPPLY-OST25WG12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
OST25YD12GD-R5RU5F71B OPTOSUPPLY-OST25YD12GD-R5RU5F71B Datasheet
41Kb / 2P
T25-12LAMPS AUTO LED Long life, easy installation
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
Shanghai Cyanlite Techn...
SM25W045 CYANLITE-SM25W045 Datasheet
1Mb / 8P
LED Panel Lights LIBRA for Surface Mounted Installation
logo
M-System Co.,Ltd.
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
INSTALLATION BASE
logo
Nexperia B.V. All right...
NCR420U NEXPERIA-NCR420U Datasheet
387Kb / 17P
150 mA LED driver in SOT457
Rev. 1 - 10 December 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com