Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15030068. Datasheet(PDF) 2 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 15030068.
Description  Installation / LED/Buzzer 150
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

15030068. Datasheet(HTML) 2 Page - WERMA Signaltechnik GmbH + Co. KG

  15030068. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 15030068. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 15030068. Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techn. datasheet
Installation / LED/Buzzer 150
LED Buzzer EM Contin. tone 230VAC YE
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
2/3
14.09.2022 / 150.300.68
APPROVAL DATA
Conforms with CE
Yes
WEEE
Yes
Conforms with RED directive
No
Conforms with ATEX-directive
No
Conforms with CCC
No
Conforms with UL
cULus
UL Type Rating
Type 12
Conforms with FCC
No
Conforms with IC
No
EAC certificate available
Yes
Conforms with UKCA (Importer)
Yes (WERMA (UK) Ltd.)
Conforms with AS-I
No
ICAO Certification
No
Conforms with DNV
No
Conforms with RoHS CN
No
Conforms with VdS
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com