Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63453075 Datasheet(PDF) 10 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 63453075
Description  This is how you can assemble your signal tower
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

63453075 Datasheet(HTML) 10 Page - WERMA Signaltechnik GmbH + Co. KG

Back Button 63453075 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 8Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 9Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 10Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 11Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
630,634,635
EN 60947-5-1
310.630.001.1015
©
SIGNAL TECHNIK
IP 66
85 dB
PC
60°C
+140°F
-30°C
-22°F
635 x0075
89-95 dB
635 x10 55
40
Anschluss ausschließlich durch
ausgebildete Elektro-Fachkräfte.
Electrical connection is to be made by
trained electrical specialists only.
Le branchement doit uniquement être
effectué par des professionnels.
Il collegamento deve essere eseguito solo
da elettricisti specializzati.
La conexión sólo debe ser realizada por
electricistas debidamente formados.
A ligação deve ser feita exclusivamente por
profissional elétrico especializado.
De aansluiting mag enkel gebeuren door
erkende vakmensen.
Připojení smí provádět pouze kvalifikovaný
personál.
Podłączenie wyłącznie przez
specjalistów-elektryków.
Liittäminen kuuluu ainoastaan koulutettujen
sähköalan ammattilaisten tehtäviin.
Подключение проводится только специа-
листом-электриком.
Bağlantı sadece eğitimli elektrik
teknisyenleri tarafından yapılmalıdır.
Bei Epilepsie ungeeignet!
Unsuitable for epilepsy sufferers.
Ne convient pas aux personnes souffrant
d'épilepsie.
Inadatto per epilettici.
Inadecuado para epilépticos.
Năo aconselhavel a pessoas que sofram de
Epilepsia.
Niet geschikt voor epileptici.
Nevhodné pro epileptiky.
Nie stosować przy zchorzeniu padaczki.
Ei sovellu epileptikoille.
Не подходит для страдающих эпилепсией.
Epilepsi hastaliği olanlarin kullanmamasi
önerilir.
DANGER
!
DANGER
!
EVS 634 x40 75
50±5 mm
2.76±0.2“
≤Ø 9 mm
Ø0.35“
≤
7 mm
0.28“
0,08-1,5 mm²
AWG 28-16
70±5 mm
2.76±0.2“
Ø1-6 mm
Ø0.04-0.24“
+
1
960 630 01, 960 630 05
+630 x10 75
IP 66
≤ M5
≤ M5
2
630 710 00
630 810 00
IP 66
Ø 6 - 7,5 mm
0.24 - 0.30 "
< Ø 4 mm
0.16 "
3
630 720 00
630 820 00
310.630.001.1015
630 x00 75 24V
≃
634 x10 75
634 x30 75
24V
≃
24V
≃
Imax 50 mA
Imax 50 mA
634 x20 55
634 x40 55
24V
=
24V
=
Imax 65 mA
Imax 65 mA
Multicolour 634 450 55 24 V
= I
max 100 mA
Sounder
635 x00 75
635 x10 75
24V
≃
24V
≃
Imax 80 mA
Imax 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com