Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63453075 Datasheet(PDF) 3 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 63453075
Description  This is how you can assemble your signal tower
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

63453075 Datasheet(HTML) 3 Page - WERMA Signaltechnik GmbH + Co. KG

  63453075 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 8Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 9Page - WERMA Signaltechnik GmbH + Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6
www.werma.com
+60°C
-30°C
IP66
95 dB
630/634/635 KombiSIGN 40 - Audible Signal Elements
TECHNICAL DIAGRAMS
see page 20 + 21
ORDER SPECIFICATIONS:
TECHNICAL SPECIFICATIONS:
2 Tone Siren
8 Tone Siren
ClassicLOOK
635 800 75
635 810 75
DesignLOOK
635 700 75
635 710 75
Available: 1st Quarter 2016
8 tone KombiSIGN 40 siren
in DesignLOOK
2 tone KombiSIGN 40 siren
in ClassicLOOK
Housing:
2 Tone Siren
Dimensions (Ø x Height):
Sound output:
Tone type:
Voltage:
Current consumption:
8 Tone Siren
Dimensions (Ø x Height):
Sound output:
Tone type:
Voltage:
Current consumption:
PC
40 mm x 45 mm
85 dB
Continuous or pulse tone, can be set via DIP-Switch
24 V AC/DC
80 mA
40 mm x 68 mm
89-95 dB, can be set via DIP-Switch
8 tones, can be set via DIP-Switch
24 V AC/DC
200 mA
• 2 tone 85dB siren element
• Continuous or pulse tone
adjustable via DIP switch
• High output 8 tone siren with
89 - 95dB adjustable via DIP
switch
• 8 tones selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com