Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTCARD Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMARTCARD
Description  Ordering Information For Package And Delivery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMARTCARD Datasheet(HTML) 1 Page - STMicroelectronics

  SMARTCARD Datasheet HTML 1Page - STMicroelectronics SMARTCARD Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
September 2001
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 68 87 29.
SMARTCARD MCU
Ordering Information
For Package And Delivery
INTRODUCTION
The manufacturing process of Smartcards in-
volves various components and technologies in
order to issue a finished product:
– micromodules,
– flat packages,
– wafers.
s
MICROMODULES
Dedicated package for Smartcard products, the
micromodule type depends on the size of the
product and on the application.
Table 1 lists all available micromodules.
s
FLAT PACKAGES
For applications which require surface mount tech-
nology, suitable for PC cards, or other security
modules, STMicroelectronics offers flat packages
listed In Table 2.
s
WAFERS
For issuer production need, ST offers sawn and
unsawn wafers deliveries, listed in Table 3.
Figure 1. Delivery form
Table 1. Micromodules in super 35 standard
tape
Table 2. Flat Packages
Table 3. Wafers
SO20
261a.ai
8” Wafer
Micromodule
Notch
Type
Description
D1, D2
8 contacts for memory cards
D15
6 contacts for memory cards
D3, D4
8 contacts with ring MCU cards
D5
8 contacts for dual contact contactless
MCU cards
D68
8 contacts for MCU cards
D7
6 contacts for dual contact contactless
MCU cards
C7
Full contactless for MCU cards
D8
8 contacts for MCU cards
Type
Description
O20
SO20 for MCU products
QF4
TQFP44 for MCU products
R20
SO20 on tape and reel for MCU products
Type
Description
W00
Unsawn wafers, 750 µm thickness
W20
Unsawn wafers, 275 µm thickness
W40
Unsawn wafers, 180 µm thickness
S2x
280 µm sawn wafers on UV tape
R4x
180 µm sawn wafers on insolated UV tape
S4x
180 µm sawn wafers on UV tape
T4x
180 µm sawn wafers on blue tape


Similar Part No. - SMARTCARD

ManufacturerPart #DatasheetDescription
logo
Kontron
SMARTCASE-S500 KONTRON-SMARTCASE-S500 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
SMARTCASE_S501 KONTRON-SMARTCASE_S501 Datasheet
1Mb / 4P
Industrial chassis for enhanced operating temperature range
SMARTCASE_S511 KONTRON-SMARTCASE_S511 Datasheet
3Mb / 4P
Industrial chassis for enhanced operating temperature range
SMARTCASE_S711 KONTRON-SMARTCASE_S711 Datasheet
342Kb / 3P
Industrial chassis for enhanced operating temperature range
SMARTCASE_S720 KONTRON-SMARTCASE_S720 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
More results

Similar Description - SMARTCARD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
Ordering information
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
ordering information
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com