Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTCARD Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMARTCARD
Description  Ordering Information For Package And Delivery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMARTCARD Datasheet(HTML) 2 Page - STMicroelectronics

  SMARTCARD Datasheet HTML 1Page - STMicroelectronics SMARTCARD Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMARTCARD MCU
2/2
Table 4. Ordering Information Scheme
Note: *where “y” indicates the sawing orientation as shown in Figure 2
Figure 2. Sawing orientation
Sawn wafers are scribed and mounted in a frame
on adhesive tape. The orientation is defined by the
position of the GND pad on the die, viewed with
active area of product visible, relative to the notch-
es of the frame (as shown in Figure 2). The orien-
tation of the die with respect to the plastic frame
notches is specified by the Customer.
One further concern, when specifying devices to
be delivered in this form, is that wafers mounted
on adhesive tape must be used within a limited pe-
riod from the mounting date:
– two months, if wafers are stored at 25°C, 55%
relative humidity
– six months, if wafers are stored at 4°C, 55% rel-
ative humidity
Example:
ST19SF08C
D45
XXX
Z
Product name
Pre-personalization name
“+” if no pre-personalization
Delivery Form
Customer ROM code name
Dxx: Module contact or dual
Cxx: Contactless modules
Oxx: SO package
Wxx: Unsawn wafer
Sxy*: Sawn wafer (std UV tape)
Rxy*: Sawn wafer (insolated UV tape) or SO on tape and reel
AI02171
1
ORIENTATION
GND
GND
GND
GND
23
4
VIEW: WAFER FRONT SIDE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com