Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT32 Datasheet(PDF) 2 Page - EPCOS

Part # CLT32
Description  Inductors for power circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CLT32 Datasheet(HTML) 2 Page - EPCOS

  CLT32 Datasheet HTML 1Page - EPCOS CLT32 Datasheet HTML 2Page - EPCOS CLT32 Datasheet HTML 3Page - EPCOS CLT32 Datasheet HTML 4Page - EPCOS CLT32 Datasheet HTML 5Page - EPCOS CLT32 Datasheet HTML 6Page - EPCOS CLT32 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 3/22
Please read Cautions and warnings and
Important notes at the end of this document.
Inductors for power circuits
CLT32
Size 3.2 x 2.5 x 2.5 (mm)
Construction
Thick copper frame
Molded metal solution
No internal connection
Features
High current, low DC resistance
Temperature range from –40 °C up to +165 °C incl. self-heating
ESD tested up to 2 kV to AEC-Q200
Suitable for lead-free reflow soldering as
referenced in JEDEC J-STD 020D
Qualified to AEC-Q200
RoHS-compatible
Applications
PMIC systems in automotive electronics
Terminals
Tinned terminals
Layer composition Ni, Sn
Lead-free tinned
Marking
No marking on component
Minimum data on reel:
Manufacturer, ordering code, lot number, quantity, date of packing
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm Ø reel
Packing unit: 6000 pcs./reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com