Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT32 Datasheet(PDF) 4 Page - EPCOS

Part # CLT32
Description  Inductors for power circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CLT32 Datasheet(HTML) 4 Page - EPCOS

  CLT32 Datasheet HTML 1Page - EPCOS CLT32 Datasheet HTML 2Page - EPCOS CLT32 Datasheet HTML 3Page - EPCOS CLT32 Datasheet HTML 4Page - EPCOS CLT32 Datasheet HTML 5Page - EPCOS CLT32 Datasheet HTML 6Page - EPCOS CLT32 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 3/22
Please read Cautions and warnings and
Important notes at the end of this document.
Inductors for power circuits
CLT32
Size 3.2 x 2.5 x 2.5 (mm)
Technical data and measuring conditions
Characteristics and ordering codes
Rated inductance LR
Measured with Agilent 4990A at 1 MHz, 0.1 V, +23 °C 3 °C
Inductance tolerance
20% at +23 °C 3 °C
Operating temperature range
–40 °C … +165 °C
Rated current Itemp
Based on the temperature increase
(temperature increase 40 K by self-heating)
Ambient temperature: +23 °C
Measured in 100 µm Cu thickness single layer
PCB 100x40x1 mm (equivalent to multilayer PCB)
Temperature rise is highly dependent on many factors and
consequently, it must be verified in final application
Saturation current Isat
Based on the inductance change rate
(30% below the initial value)
DC resistance RDC
Measured at +23 °C 3 °C; tolerance 15%
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +245 °C / 5 s
Method:
Solder bath (Dip)
Wetting of soldering area: 95%
Resistance to soldering heat
+260 °C, 40 s (as referenced in JEDEC J-STD 020D)
Climatic category
40/165/56 (to IEC 60068-1)
Storage conditions
Mounted: –40 °C … +165 °C
Packaged: –25 °C … +40 °C, 75% RH
Weight
Approx. 120 mg
LR
RDC,typ
ISat,typ
at 23 °C
Itemp,typ
at 23 °C
at +40 K temp. increase
Internal code
Ordering code
nH
m
A
A
17
0.39
60.0
45.0
B82403T0170M000 CLT32-17N
42
1.0
54.0
28.0
B82403T0420M000 CLT32-42N
55
1.0
39.5
28.0
B82403T0550M000 CLT32-55N
80
1.9
36.0
20.0
B82403T0800M000 CLT32-80N
110
1.9
29.0
20.0
B82403T0111M000 CLT32-R11
150
3.3
25.4
15.4
B82403T0151M000 CLT32-R15
200
3.3
20.5
15.4
B82403T0201M000 CLT32-R20
310
5.3
17.5
12.1
B82403T0311M000 CLT32-R31
440
7.6
13.5
10.1
B82403T0441M000 CLT32-R44



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com