Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM431 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM431
Description  Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM431 Datasheet(HTML) 1 Page - Analog Devices

  ADUCM431 Datasheet HTML 1Page - Analog Devices ADUCM431 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADuCM430/ADuCM431/ADuCM433
Precision Analog Microcontroller, 12-Bit Analog Input and
Output with PMIC and TECC, Arm Cortex-M3
Rev. SpB
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Analog input and output
►
Multichannel, 12-bit, 2 MSPS ADC
►
Up to 16 external channels
►
Power, VDAC, IDAC, and temperature monitor internal
channels
►
Single-ended and differential modes
►
0 V to VREF analog input range
►
Input buffer included
►
Digital comparators
►
Up to nine, 12-bit voltage output VDACs
►
4-channel, selectable output range
►
0 V to 2.5 V or AVDDx − 0.1 V (4-channel on the
ADuCM430/ADuCM431 and 3-channel on the ADuCM433)
►
AVDDNEG + 0.2 V to 0 V or −2.5 V to 0 V (4-channel on
the ADuCM430 and 1-channel on the ADuCM433)
►
4-channel, 0 V to 2.5 V or AVDDx − 0.2 V
►
1-channel, 0 V to 2.5 V (ADuCM430/ADuCM431)
►
Up to 4 low noise, 12-bit IDACs
►
4-channel, configurable output range: 50 mA, 100 mA, or 150
mA (ADuCM430)
►
1-channel, configurable output range: 50 mA, 100 mA, or 150
mA (ADuCM433)
►
Up to 4 voltage comparators with adjustable hysteresis voltage
►
TEC controller (ADuCM430/ADuCM433)
►
Optional Buck or LDO regulator modes if not using TEC
►
Maximum heating and cooling current: 1.3 A
►
Current and voltage monitoring and protection
►
Soft start function
►
Microcontroller
►
32-bit Arm Cortex-M3 core, RISC architecture
►
Serial wire port supports code download and debug
►
Clocking options
►
16 MHz on-chip oscillator
►
80 MHz PLL output
►
External clock source
►
Memory
►
Up to 2× 512 kB independent Flash/EE memories
►
48 kB SRAM
►
Software triggered, in circuit reprogrammability via I2C
►
On-chip peripherals
►
1× UART, 2× SPI, 2× I2C serial input and output
►
GPIO with multilevel voltage (3.3 V, 1.8 V, and 1.2 V) digital
inputs
►
MDIO target up to 4 MHz (open drain)
►
3× 16-bit and 1× 32-bit general-purpose timers
►
Wake-up timer (WUT)
►
Watchdog timers (WDT)
►
32 element PLA
►
16-bit PWM
►
Manchester encoder and decoder
►
All GPIOs support external interrupt
►
Power
►
Multiple supplies
►
AVDDx, IOVDDx, DVDD, and PVDDTECx (ADuCM430/
ADuCM433): 2.85 V to 3.63 V
►
AVDDNEG (ADuCM430/ADuCM433): −1.8 V to −3.63 V
►
PVDDIDACxx/PVDDIDAC (ADuCM430/ADuCM433): 1.60
V to AVDDx
►
Flexible operating modes for low power applications
►
Packages and temperature range
►
5 mm x 5 mm, 0.4 mm pitch, 121-ball CSP_BGA
►
5 mm x 5 mm, 0.4 mm pitch, 72-ball CSP_BGA
►
Fully specified for TJ = –40°C to +125°C
►
Tools
►
Low cost QuickStart development system, which is available
upon request from InfoOpticalNetwork@analog.com
►
Full third-party support
APPLICATIONS
►
Optical networking—100G/200G/400G and higher frequency
modules
For more information on the ADuCM430/ADuCM431/ADuCM433, contact InfoOpticalNetwork@analog.com.


Similar Part No. - ADUCM431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM431 AD-ADUCM431 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
More results

Similar Description - ADUCM431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUC7120 AD-ADUC7120 Datasheet
1Mb / 102P
Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
9/2017-Rev. C to Rev. D
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com