Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM1U1908VBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM1U1908VBK
Description  Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM1U1908VBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM1U1908VBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM1U1908VBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM1U1908VBK Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/5/2021
Rack-Mounted Instrument Enclosure (RM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/rack-mount/rm
1/3
Chassis Tilt Bail
Mounting Hardware
Rack-Mounted Instrument Enclosure RM Series
Extruded Aluminum, 19" Rack-Mount or Desktop Use
Features
Strong construction yet light weight using all aluminum components
Suitable for desk top or rack mountable applications.
Knockdown design ships un-assembled for easy handling and shipping protection.
Strong construction using:
extruded aluminum side panels 0.125" (3.2 mm) thick
extruded aluminum front & rear panels 0.125" (3.2mm) thick
flat aluminum top and bottom panels 0.064" (1.6 mm) thick
Can be used with or without rack mounting brackets (one pair included)
Front & rear panel are interchangeable.
Enclosure is finished in rugged, textured, black powder coat.
Includes top, bottom, sides, self adhesive rubber feet, rack mount brackets and all
assembly hardware
Pull handles & adjustable rear bracket rack mount kit (for deeper models) are not included
with unit (see tables & accessories below).
RoHS Compliant.
Manufactured in North America.
Looking for a Rack Mount Storage Drawer? Check out the RDRW Series.
Accessories
Part No.
Part No.
Overall Dimensions
Includes
Accepts
Adj. Rear Bracket
19" Rack
Rack Mount
Solid
Vented
Mounting
Pull Handle
Part No.
Top/Bottom
Top/Bottom
Height
Width
Depth
Rack Units
Flanges
Part No.
(Sold in Pairs)
RM1U0804SBK
RM1U0804VBK
1.75
8.30
4.25
1U
No
1427B2BK
RM1U0808SBK
RM1U0808VBK
1.75
8.30
8.00
1U
No
1427B2BK
RM1U1908SBK
RM1U1908VBK
1.75
16.60
8.00
1U
Yes
1427B2BK
RM1U1913SBK
RM1U1913VBK
1.75
16.60
13.00
1U
Yes
1427B2BK
RM1U1918SBK
RM1U1918VBK
1.75
16.60
18.00
1U
Yes
1427B2BK
RM1U18BRKT
RM1U1922SBK
RM1U1922VBK
1.75
16.60
22.00
1U
Yes
1427B2BK
RM1U18BRKT
RM1U1928SBK
RM1U1928VBK
1.75
16.60
28.00
1U
Yes
1427B2BK
RM1U18BRKT
RM2U0804SBK
RM2U0804VBK
3.50
8.30
4.25
2U
No
1427E1BK
RM2U0808SBK
RM2U0808VBK
3.50
8.30
8.00
2U
No
1427E1BK
RM2U1908SBK
RM2U1908VBK
3.50
16.60
8.00
2U
Yes
1427E1BK
RM2U1913SBK
RM2U1913VBK
3.50
16.60
13.00
2U
Yes
1427E1BK
RM2U1918SBK
RM2U1918VBK
3.50
16.60
18.00
2U
Yes
1427E1BK
RM2U18BRKT
Quality Products. Service Excellence.


Similar Part No. - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
410Kb / 1P
Extruded Aluminum Frame - Type 6063
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
410Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
166Kb / 3P
Rack-Mounted Instrument Enclosure
1/6/2019
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
146Kb / 2P
Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
10/22/2017
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
65Kb / 3P
Rugged Rack Chassis RM Series
More results

Similar Description - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HDR HAMMOND-HDR Datasheet
56Kb / 1P
Hammond Desktop Rack
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
Tripp Lite. All Rights ...
B021-000-19-HD TRIPPLITE-B021-000-19-HD Datasheet
177Kb / 4P
1U Rack-Mount Console with 19" LCD, DVI or VGA
logo
M-System Co.,Ltd.
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RS MSYSTEM-17RS Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
logo
PANDUIT CORP.
FRME1U PANDUIT-FRME1U Datasheet
268Kb / 2P
FIBER RACK MOUNTED ENCLOSURE (FRME1U) CUSTOMER DRAWING
11-12-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com