Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT100 Datasheet(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH

Part # ACT100
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

ACT100 Datasheet(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH

  ACT100 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH ACT100 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety isolating transformer
ACT 100
Advantages
Integrated short-circuit and overload protection thanks to temperature fuse
in the input and fuse in the output (ACT 10 only temperature fuse)
Permanent corrosion protection, high insulation value and maximum
electrical reliability thanks to XtraDenseFill resin encapsulation
Robust plastic housing for rail mounting, e.g. in consumer units or meter
mounting boards
Applications
Safety isolating transformer for the safe electrical isolation of the input and
output sides. The transformer is suitable for creating SELV and PELV circuits
because of the limit on the output voltage.
Sample application
Standards
Z
Safety isolating transformer
to: VDE 0570 Part 2-6, DIN EN 61558-2-6, EN 61558-2-6, IEC 61558-2-6
Approvals
1 Z
Picture shows ACT 100


Similar Part No. - ACT100

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACT1000RE OHMITE-ACT1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
Concordia Technologies ...
ACT100X2.5 CONCORDIATECHNOLOGIES-ACT100X2.5 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6038 FILTRAN-TEW6038 Datasheet
31Kb / 1P
Wide Band Isolating/Matching Transformer
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com