Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT100 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # ACT100
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

ACT100 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  ACT100 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH ACT100 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety isolating transformer
ACT 100
Type
ACT 100
Input
Rated input voltage
230 Vac
Rated frequency
50 - 60 Hz
Output
Rated output voltage
24 Vac
Rated Power
100 VA
Environment
Ambient temperature max.
25 °C
Type of cooling
self-cooling
Safety and protection
Type
Resin encapsulated transformer
Insulation class
B
Protection index
IP 00
Safety class (prepared)
II
Short circuit strength
non-inherently short-circuit proof
Test voltage
3750 Vac, 50 Hz
Order numbers
Order Number
ACT 100
Type
ACT 100
Terminal and mounting
Fixing method
Panel installation on mounting rails
Terminals
Screw-type terminal
Measures and weights
Weight
1.93 kg
159.0
94.0
63.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com