Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROG-CCCD Datasheet(PDF) 31 Page - PANDUIT CORP.

Part # PROG-CCCD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PROG-CCCD Datasheet(HTML) 31 Page - PANDUIT CORP.

Back Button PROG-CCCD Datasheet HTML 27Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 28Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 29Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 30Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 31Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 32Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 33Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 34Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 35Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Contact Technical Support at 866.871.4571.
31
Polyester Photoluminescent Tapes
• Used to mark egress routes, fire alarms, and fire equipment
• Clearly visible for up to ten hours after power is lost
• Absorbs energy from ambient light and releases this energy in
the form of a glow when power is lost
• Can be over-laminated to increase durability (see page 28)
• Use thermal transfer resin ribbon
• Temperature range: 40°F to 230°F (4.4°C to 110°C)
• UL969 recognized, File # MH14979
Normal Lighting
Blackout
Part Number
Color
Width
Length
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft
M
T200X000Y2T
Photoluminescent
2.00
50.8
15.0
4.5
1
T400X000Y2T
4.00
101.6
Order number of labels required in multiples of Standard Package Quantity
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C200X100AWT
Red
2.00
50.8
1.00
25.4
1
500
C300X250AWT
3.00
76.2
2.50
63.5
C400X100AWT
4.00
101.6
1.00
25.4
Order number of labels required in multiples of Standard Package Quantity
Raised Panel Solar Labels
• Print customized labels for solar applications
• Strong holding power for rough, textured, and coated surfaces
• Meet ASTM G154 for outdoor durability (simulating 20 years
of UV resistance under normal conditions but not all
outdoor exposures
• Use thermal transfer resin ribbon
• Temperature Range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14979, cUL recognized, C22.2 No.
0.15.01, File # MH 14979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com