Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROG-CCCD Datasheet(PDF) 35 Page - PANDUIT CORP.

Part # PROG-CCCD
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PROG-CCCD Datasheet(HTML) 35 Page - PANDUIT CORP.

Back Button PROG-CCCD Datasheet HTML 28Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 29Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 30Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 31Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 32Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 33Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 34Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 35Page - PANDUIT CORP. PROG-CCCD Datasheet HTML 36Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Contact Technical Support at 866.871.4571.
35
TDP43HE and TDP46HE Desktop Printers and Accessories
• Convenient, easy setup; quickly begin producing labels
• Durable, clear communication through superior legibility
• Print small, fine characters and high-quality images and
bar codes
• Allow continuous use in construction, industrial, and
harsh environments
• Reduce time required to switch between label styles
• Fast label production without sacrificing print quality
• Easy-Mark Plus™ Labeling Software included with printer
• Up to 8 inches per second print speed
• Connect quickly and easily to PC, and offers connectivity
flexibility to print by USB, parallel, Ethernet or serial
• Available with 300 or 600 dots per inch print resolution
• Able to connect to a network for sharing capability
• UL60950 listed, File # E165747
Part Number
Part Description
Std
Pkg.
Qty
TDP43HE
300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon,
USB cable, user manual, quick start card, driver disk and US power cord; for use in North America.
1
TDP43HE/E
300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon,
USB cable, user manual, quick start card, driver disk, and the following power cords: EuroPlug, Swiss, UK, and
Japan JIS 8303 3-pin; for use outside North America.
TDP46HE
600 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon,
USB cable, user manual, quick start card, driver disk, and US power cord; for use in North America.
TDP46HE/E
600 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon,
USB cable, user manual, quick start card, driver disk, and the following power cords: Europlug, Swiss, UK, and
Japan JIS 8303 3-pin; for use outside North America.
PTR-CLN
Printer cleaning kit – contains (1) cleaning pen, (8) cleaning solution soaked wipes, (8) foam swabs
pre-saturated with cleaning solution, MSDS, and cleaning instructions.
TDP43HE and TDP46HE Desktop Printer Ribbons
Part Number
Part Description
Width
Length
Std.
Pkg.
Qty.
In.
mm
Ft.
m
RHEH4BL
Black hybrid thermal transfer ribbon. Use with heat shrink, self-laminating,
Turn-Tell®, and vinyl cloth and tan polyimide labels.
4.33 110.0
1181.0 363.0
1
RHER4BL
Black resin thermal transfer ribbon. Use with polyester labels, continuous vinyl tape,
marker plates, and raised panel labels.
RHER4WH
White resin thermal transfer ribbon. Use with polyester labels, continuous vinyl
tape, marker plates, and raised panel labels.
4.50 114.3
RHER4BL-A
Black resin thermal transfer ribbon. Use with high-temperature marker plates.
4.33 110.0
RHER4BL-C
Black resin thermal transfer ribbon. Use with fluid resistant heat shrink markers and
white polyimide labels.
RHER4BL-E
Black resin thermal transfer ribbon. Used with standard marker plates and
component labels for extra durability for harsh environments.
1345.0 410.0
Order number of ribbons required in multiples of Standard Package Quantity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com