Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS1 Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS1
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS1 Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button USB-COM485-PLUS1 Datasheet HTML 16Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 17Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 18Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 19Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 20Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 21Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 22Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 23Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 24Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
23
Document Reference No.: FT_000132
USB-COM485-PLUS1 Datasheet
Version 1.21
Clearance No.: FTDI# 95
Appendix B - Revision History
Version Draft
First Draft
13 March 2009
2nd Draft
18 March 2009
Version 1.0
text, and update photo of PCB
04 June 2009
Version 1.0
Released
09 June 2009
Version 1.01
Added detail of 120R termination resistor
11 June 2009
Version 1.02
removed debug suggestion to fit a loopback connector
Corrected max power available from 450mA to 250mA
Added section 2.3 for local echo
21 Aug 2009
Version 1.2
Edited Section 1.3.1, Removed the statement
“A standard “A to B” cable is provided”
12th April 2010
Version 1.21
Edited table 1.2, RS485 cable length
06th Oct 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com