Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM485-PLUS1 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS1
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS1 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  USB-COM485-PLUS1 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000132
USB-COM485-PLUS1 Datasheet
Version 1.21
Clearance No.: FTDI# 95
1.4 Features
Adds one RS-485 serial port by connecting to USB
Easy plug & play installation and RS-485 device connection
Works with USB 1.1 & 2.0 Host and Hub ports
Industry Standard FTDI chip set & device drivers for maximum compatibility
Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers
Installs as a standard Windows COM port
COM port number can be changed to any available COM port number, to support HyperTerminal,
or any other serial communications software application running in Windows
Supports Windows Server 2008, 2003, Vista, XP, 2000, Linux, Mac OS X
FIFO: 128 byte transmit buffer, 256 byte receive buffer
RS-485 data signals: Data+, Data-, GND
Option to enable or disable local echo
Powered by USB port. No external power adapter required.
Pin 9 of DE-9P can provide +5VDC output at 250mA.
Serial port speed up to 3Mbps
Serial Communication Parameters
o
Parity: None, Even, Odd
o
Data bits: 7, 8
o
Flow control: None
One DE-9P male connector
LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics
Operating temperature of -40°C to +85°C
1.5 Performance Figures
Parameter
Performance
USB Interface
12Mbps USB 2.0 Full-Speed
RS485 Interface
Standard baud rates (300bps to 921.6Kbps)
Custom baud rates (300bps to 3Mbps) through baud rate aliasing. See
FTDI Application Note: Configuring FT232R, FT2232 and FT232BM Baud
Rates
Max Cable Length
USB = 5m, RS485 =1200m
Table 1.2 Performance Figures
Part Number
Description
USB-COM485-Plus1
USB-COM-Plus Full-Speed USB to 1-Port RS485 module
Table 1.3 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com