Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aaf615
VCC
VI
VO
DUT
CL
RT
RL
PULSE
GENERATOR
Test data is given in Table 8. Definitions for test circuit:
RL = Load resistance
CL = Load capacitance including jig and probe capacitance
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig. 8. Test circuit for measuring switching times
Table 8. Test data
Input
Load
Supply voltage
VI
tr, tf
CL
RL
1.2 V
VCC
≤ 2 ns
30 pF
1 kΩ
1.65 V to 1.95 V
VCC
≤ 2 ns
30 pF
1 kΩ
2.3 V to 2.7 V
VCC
≤ 2 ns
30 pF
500 Ω
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com