Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC14AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 8 — 29 April 2021
Product data sheet
1. General description
The 74LVC14A is a hex inverter with Schmitt-trigger inputs. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• 5 V tolerant input for interfacing with 5 V logic
• CMOS low-power consumption
• Direct interface with TTL levels
• Unlimited input rise and fall times
• Inputs accept voltages up to 5.5 V
• Complies with JEDEC standard JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Wave and pulse shapers for highly noisy environments
• Astable multivibrators
• Monostable multivibrators


Similar Part No. - 74LVC14AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14AD PHILIPS-74LVC14AD Datasheet
95Kb / 10P
Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
Analog Devices
74LVC14AD AD-74LVC14AD Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
NXP Semiconductors
74LVC14AD NXP-74LVC14AD Datasheet
137Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14AD NXP-74LVC14AD Datasheet
137Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14AD NXP-74LVC14AD Datasheet
109Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
More results

Similar Description - 74LVC14AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC14APW118 NXP-74LVC14APW118 Datasheet
137Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW NXP-74LVC14APW Datasheet
137Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
109Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
137Kb / 18P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14A-Q100 NEXPERIA-74LVC14A-Q100 Datasheet
793Kb / 17P
Hex inverting Schmitt trigger with 5 V tolerant input
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com