Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14ABZ Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC14ABZ
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14ABZ Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC14ABZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
6. Pinning information
6.1. Pinning
74LVC14A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac518
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14),
SOT337-1 (SSOP14) and SOT402-1 (TSSOP14)
001aac519
74LVC14A
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT762-1 (DHVQFN14)
74LVC14A
aaa-032838
Transparent top view
GND(1)
1Y 2
terminal 1
index area
2A
6Y
3
12
2Y 4
3A 5
3Y 6
6A
13
5A
11
5Y
10
4A
9
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 6. Pin configuration SOT8014-1 (DHXQFN14)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com