Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14ABZ Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC14ABZ
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14ABZ Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14ABZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
11. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
nA to nY; see Fig. 7
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
6.1
12.7
1.0
14.7
ns
VCC = 2.3 V to 2.7 V
1.5
3.5
7.8
1.5
10.0
ns
VCC = 2.7 V
1.5
3.6
7.5
1.5
9.5
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
3.2
6.4
1.0
8.0
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
per buffer; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
9.0
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
12.5
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
15.6
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC 2 × fo) = sum of the outputs.
11.1. Waveforms and test circuit
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL
VM = 1.5 V at VCC ≥ 2.7 V
VM = 0.5 × VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 7. Propagation delay input (nA) to output (nY)
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
6 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com