Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161DB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161DB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC161DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74LVC161
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 30 September 2013
2 of 22
NXP Semiconductors
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 Specified from
40 C to +85 C and 40 C to +125 C
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-B exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC161D
40 Cto +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC161DB
40 Cto +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LVC161PW
40 Cto +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC161BQ
40 Cto +125 C
DHVQFN16 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna905
Q0
Q1
CP
Q2
Q3
TC
3
4
2
5
6
9
14
13
15
12
11
MR
1
CEP
7
CET
10
D0
D1
D2
D3
PE
mna906
15
11
12
3
4
5
6
14
13
7
10
G3
1
R
9
M1
G4
2
C2
/1,3,4+
1,2D
4 CT = 15
CTR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com