Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161DB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161DB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC161DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC161 is a synchronous presettable binary counter which features an internal
look-ahead carry and can be used for high-speed counting. Synchronous operation is
provided by having all flip-flops clocked simultaneously on the positive-going edge of the
clock (pin CP). The outputs (pins Q0 to Q3) of the counters may be preset to a HIGH-level
or LOW-level. A LOW-level at the parallel enable input (pin PE) disables the counting
action and causes the data at the data inputs (pins D0 to D3) to be loaded into the counter
on the positive-going edge of the clock (provided that the set-up and hold time
requirements for PE are met). Preset takes place regardless of the levels at count enable
inputs (pins CEP and CET). A LOW-level at the master reset input (pin MR) sets all four
outputs of the flip-flops (pins Q0 to Q3) to LOW-level regardless of the levels at input pins
CP, PE, CET and CEP (thus providing an asynchronous clear function).
The look-ahead carry simplifies serial cascading of the counters. Both count enable inputs
(pin CEP and CET) must be HIGH to count. The CET input is fed forward to enable the
terminal count output (pin TC). The TC output thus enabled will produce a HIGH output
pulse of a duration approximately equal to a HIGH-level output of Q0. This pulse can be
used to enable the next cascaded stage.
The maximum clock frequency for the cascaded counters is determined by tPHL
(propagation delay CP to TC) and tsu (set-up time CEP to CP) according to the formula:
It is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to
most advanced CMOS compatible TTL families.
2.
Features and benefits
 5 V tolerant inputs for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low power consumption
 Direct interface with TTL levels
 Asynchronous reset
 Synchronous counting and loading
 Two count enable inputs for n-bit cascading
 Positive edge-triggered clock
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous
reset
Rev. 6 — 30 September 2013
Product data sheet
f
max
1
t
PHL max

t
su
+
-----------------------------------
=


Similar Part No. - 74LVC161DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC161DB PHILIPS-74LVC161DB Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
More results

Similar Description - 74LVC161DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com