Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161PW Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC161PW
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161PW Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74LVC161
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 30 September 2013
7 of 22
NXP Semiconductors
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
6.
Functional description
[1]
* = the TC output is HIGH when CET is HIGH and the counter is at terminal count (HHHH)
H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition
L = LOW voltage level
l = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition
q = lower case letters indicate the state of the referenced output one set-up time prior to the LOW-to-HIGH clock transition
X = don’t care
 = LOW-to-HIGH clock transition
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO16 packages: above 70
C the value of P
D derates linearly with 8 mW/K.
For (T)SSOP16 packages: above 60
C the value of P
D derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
D derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Operating
modes
Input
Output
MR
CP
CEP
CET
PE
Dn
Qn
TC
Reset (clear) L
X
XXX
XL
L
Parallel load
H
XXl
l
L
L
H
XXl
h
H
*
Count
H
hhh
X
count
*
Hold
(do nothing)
HX
l
X
h
X
qn
*
HX
X
l
h
X
qn
L
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0
-
50
mA
VO
output voltage
[2]
0.5
VCC +0.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com