Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161PW Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC161PW
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161PW Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
74LVC161
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 30 September 2013
13 of 22
NXP Semiconductors
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 12. Set-up and hold times for the input (Dn) and parallel enable input (PE)
mna914
GND
GND
GND
th
th
tsu
tsu
tsu
th
th
tsu
VM
VM
VM
VI
VI
CP input
PE input
Dn input
VI
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 13. CEP and CET set-up and hold times
mna915
th
tsu
th
tsu
GND
VI
VM
VM
GND
VI
CP input
CEP, CET input
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
1.2 V
VCC
0.5
 V
CC
0.5
 V
CC
1.65 V to 1.95 V
VCC
0.5
 V
CC
0.5
 V
CC
2.3 V to 2.7 V
VCC
0.5
 V
CC
0.5
 V
CC
2.7 V
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com