Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 28 June 2013
4 of 18
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high impedance OFF-state.
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO20 packages: above 70
C derate linearly with 8 mW/K.
For (T)SSOP20 packages: above 60
C derate linearly with 5.5 mW/K.
For DHVQFN20 and DHXQFN20 packages: above 60
C derate linearly with 4.5 mW/K.
Table 3.
Function selection[1]
Inputs
Inputs/outputs
OE
DIR
An
Bn
L
L
An = Bn
inputs
L
H
inputs
Bn = An
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
output HIGH or LOW
[2]
0.5
VCC +0.5
V
output 3-state
[2]
0.5
+6.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com