Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 28 June 2013
2 of 18
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVC245AD
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVCH245AD
74LVC245ADB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVCH245ADB
74LVC245APW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVCH245APW
74LVC245ABQ
40 C to +125 C
DHVQFN20
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74LVCH245ABQ
74LVC245ABX
40 C to +125 C
DHXQFN20
plastic dual in-line compatible thermal enhanced
extremely thin quad flat package; no leads; 20
terminals; body 4.5
 2.5  0.5 mm
SOT1045-2
74LVCH245ABX
Fig 1.
Logic diagram
Fig 2.
IEC logic symbol
2
1
DIR
18
19
B0
B1
B2
B3
B4
B5
B6
B7
3
17
4
16
5
15
6
14
7
13
8
12
9
A0
A1
A2
A3
A4
A5
A6
A7
11
OE
mna174
17
3
1
19
2
1
16
4
15
5
14
6
13
7
12
8
11
9
18
G3
3EN1
3EN2
2
mna175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com