Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC32AD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC32AD
Description  Quad 2-input OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC32AD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC32AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC32AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVC32A provides four 2-input OR gates.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2.
Features and benefits
 5 V tolerant inputs for interlacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low power consumption
 Direct interface with TTL levels
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-B exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 Specified from
40 C to +85 C and 40 C to +125 C
3.
Ordering information
74LVC32A
Quad 2-input OR gate
Rev. 5 — 17 November 2011
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC32AD
40 Cto +125 C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC32ADB
40 Cto +125 C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LVC32APW
40 Cto +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC32ABQ
40 Cto +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1


Similar Part No. - 74LVC32AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32AD PHILIPS-74LVC32AD Datasheet
87Kb / 10P
Quad 2-input OR gate
1997 Jun 30
logo
Nexperia B.V. All right...
74LVC32AD NEXPERIA-74LVC32AD Datasheet
236Kb / 13P
Quad 2-input OR gate
Rev. 8 - 27 August 2021
74LVC32AD-Q100 NEXPERIA-74LVC32AD-Q100 Datasheet
224Kb / 13P
Quad 2-input OR gate
logo
NXP Semiconductors
74LVC32ADB PHILIPS-74LVC32ADB Datasheet
87Kb / 10P
Quad 2-input OR gate
1997 Jun 30
logo
ON Semiconductor
74LVC32ADR2G ONSEMI-74LVC32ADR2G Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC32AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com