Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC374AD
Description  Octal D-type flip-flop; 5 V tolerant inputs/outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC374AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC374AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC374A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 6 December 2012
7 of 19
Nexperia
74LVC374A
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
II
input leakage
current
VCC = 3.6 V; VI =5.5 V orGND
-
0.1
5-
20
A
IOZ
OFF-state
output
current
VI =VIH or VIL; VCC = 3.6 V;
VO = 5.5 V or GND;
-
0.1
5-
20
A
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
A
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin; VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-4.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.2
7.4
16.3
2.2
18.8
ns
VCC = 2.3 V to 2.7 V
1.5
3.9
8.4
1.5
9.7
ns
VCC = 2.7 V
1.5
3.5
8.0
1.5
10.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.3
7.0
1.5
9.0
ns
ten
enable time
OE to Qn; see Figure 8
[2]
VCC = 1.2 V
-
19
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.6
16.7
1.5
19.3
ns
VCC = 2.3 V to 2.7 V
1.5
3.7
9.3
1.5
10.8
ns
VCC = 2.7 V
1.5
3.8
8.5
1.5
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.0
7.5
1.5
9.5
ns
tdis
disable time
OE to Qn; see Figure 8
[2]
VCC = 1.2 V
-
8.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.3
4.0
10.1
2.3
11.7
ns
VCC = 2.3 V to 2.7 V
1.0
2.2
5.7
1.0
6.7
ns
VCC = 2.7 V
1.5
3.1
6.5
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
2.9
6.0
1.5
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com