Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374AD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC374AD
Description  Octal D-type flip-flop; 5 V tolerant inputs/outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC374AD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC374AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC374AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC374A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 6 December 2012
13 of 19
Nexperia
74LVC374A
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Fig 12. Package outline SOT339-1 (SSOP20)
UNIT
A1
A2
A3
bp
cD(1)
E(1)
eHE
LLp
Q
(1)
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
7.4
7.0
5.4
5.2
0.65
7.9
7.6
0.9
0.7
0.9
0.5
8
0
o
o
0.13
1.25
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT339-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
110
20
11
y
0.25
pin 1 index
0
2.5
5 mm
scale
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
A
max.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com