Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374ADB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC374ADB
Description  Octal D-type flip-flop; 5 V tolerant inputs/outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC374ADB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC374ADB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC374ADB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVC374A is an octal D-type flip-flop featuring separate D-type inputs for each
flip-flop and 3-state outputs for bus-oriented applications. A clock input (CP) and an
outputs enable input (OE) are common to all flip-flops.
The eight flip-flops will store the state of their individual D-inputs that meet the set-up and
hold times requirements on the LOW-to-HIGH CP transition.
When pin OE is LOW, the contents of the eight flip-flops is available at the outputs. When
pin OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE
input does not affect the state of the flip-flops.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be
applied to the outputs. These features allow the use of these devices as translators in
mixed 3.3 V and 5 V applications.
The 74LVC374A is functionally identical to the 74LVC574A, but has a different pin
arrangement.
2.
Features and benefits
 5 V tolerant inputs/outputs; for interfacing with 5 V logic
 Wide supply voltage range from 1.2 V to 3.6 V
 CMOS low power consumption
 Direct interface with TTL levels
 High-impedance when VCC =0V
 8-bit positive edge-triggered register
 Independent register and 3-state buffer operation
 Complies with JEDEC standard:
 JESD8-7A (1.65 V to 1.95 V)
 JESD8-5A (2.3 V to 2.7 V)
 JESD8-C/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-B exceeds 200 V
 CDM JESD22-C101E exceeds 1000 V
 Specified from
40 C to +85 C and 40 C to +125 C
74LVC374A
Octal D-type flip-flop; 5 V tolerant inputs/outputs;
positive-edge trigger; 3-state
Rev. 3 — 6 December 2012
Product data sheet


Similar Part No. - 74LVC374ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374ADB PHILIPS-74LVC374ADB Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results

Similar Description - 74LVC374ADB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com