Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
DIR
1
direction control
A0, A1, A2, A3, A4, A5, A6, A7
2, 3, 4, 5, 6, 7, 8, 9
data input/output
GND
10
ground (0 V)
B0, B1, B2, B3, B4, B5, B6, B7
18, 17, 16, 15, 14, 13, 12, 11
data input/output
OE
19
output enable input (active LOW)
VCC
20
supply voltage
6. Functional description
Table 3. Function selection
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high impedance OFF-state.
Inputs
Inputs/outputs
OE
DIR
An
Bn
L
L
An = Bn
inputs
L
H
inputs
Bn = An
H
X
Z
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
output HIGH or LOW
[2]
-0.5
VCC + 0.5 V
VO
output voltage
output 3-state
[2]
-0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Tamb = -40 °C to +125 °C
SOT163-1; SOT339-1; SOT360-1;
SOT764-1
[3]
-
500
mW
Ptot
total power dissipation
SOT8020-1
-
250
mW
[1] The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2] The output voltage ratings may be exceeded if the output current ratings are observed.
[3] For SOT163-1 (SO20) package: Ptot derates linearly with 12.3 mW/K above 109 °C.
For SOT339-1 (SSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT764-1 (DHVQFN20) package: Ptot derates linearly with 12.9 mW/K above 111 °C.
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com