Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC245AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
Tamb = -40 °C to +85 °C
Tamb =
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
nAn to nBn; nBn to nAn; see Fig. 6
[2]
VCC = 1.2 V
-
17.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.5
14.6
1.5
16.9
ns
VCC = 2.3 V to 2.7 V
1.0
3.4
7.6
1.0
8.7
ns
VCC = 2.7 V
1.5
3.4
7.3
1.5
9.5
ns
tpd
propagation
delay
VCC = 3.0 V to 3.6 V
1.5
2.9
6.3
1.5
8.0
ns
nOE to nAn, nBn; see Fig. 7
[2]
VCC = 1.2 V
-
22.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.9
8.3
19.5
1.9
22.5
ns
VCC = 2.3 V to 2.7 V
1.5
4.6
10.7
1.5
12.4
ns
VCC = 2.7 V
1.5
4.8
9.5
1.5
12.0
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.5
3.7
8.5
1.5
11.0
ns
nOE to nAn, nBn; see Fig. 7
[2]
VCC = 1.2 V
-
12.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.9
5.5
12.3
2.9
14.2
ns
VCC = 2.3 V to 2.7 V
1.0
3.1
7.1
1.0
8.2
ns
VCC = 2.7 V
1.5
3.9
8.0
1.5
10.0
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.7
3.6
7.0
1.7
9.0
ns
tsk(o)
output skew time
[3]
-
-
1.0
-
1.5
ns
per input; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
7.7
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
11.3
-
-
-
pF
CPD
power
dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
14.4
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC 2 × fo) = sum of the outputs.
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com