Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS16LS
Description  High-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16LS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS16LS_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
BAS16LS
High-speed switching diode
006aab133
102
IR
(µA)
VR (V)
0
100
80
40
60
20
10
1
10-1
10-2
10-3
10-4
10-5
(1)
(2)
(3)
(4)
(1) Tamb = 150 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
(4) Tamb = -40 °C
Fig. 5. Reverse current as a function of reverse
voltage; typical values
0
8
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)
f = 1 MHz; Tamb = 25 °C
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values
BAS16LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
7 September 2020
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com