Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS16LS
Description  High-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16LS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16LS_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16LS_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
BAS16LS
High-speed switching diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
Transparent
top view
2
1
DFN1006BD-2 (SOD882BD)
aaa-028035
K
A
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS16LS
DFN1006BD-2 Leadless ultra small plastic package with side-wettable flanks
(SWF); 2 terminals; 0.65 mm pitch; 1 mm x 0.6 mm x 0.47 mm
body
SOD882BD
7. Marking
Table 4. Marking codes
Type number
Marking code
BAS16LS
M8
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
Tj = 25 °C
[1]
-
215
mA
tp = 1 µs; square wave; Tj(init) = 25 °C
-
4
A
tp = 1 ms; square wave; Tj(init) = 25 °C
-
1
A
IFSM
non-repetitive peak
forward current
tp = 1 s; square wave; Tj(init) = 25 °C
-
0.5
A
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25
-
500
mA
[1]
-
345
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
645
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), 70 μm single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), 70 μm single-sided copper, tin-plated mounting pad for cathode 1cm2.
BAS16LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
7 September 2020
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com