Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34GS Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # AXP1T34GS
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34GS Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button AXP1T34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
Table 14. Dynamic characteristics for temperature range -40 °C to +85 °C and -40 °C to +125 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 4; for waveforms see Fig. 3.
VCCO
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Tamb = -40 °C to +85 °C
A to Y
[1]
VCCI = 1.2 V ± 0.1 V
4.0
38
3.6
25
3.4
21
3.1
16
2.9
14.5
2.7
14.5
ns
VCCI = 1.5 V ± 0.1 V
3.5
33
3.0
21
2.8
16.5
2.6
12.5
2.4
10.5
2.2
9.8
ns
VCCI = 1.8 V ± 0.15 V
3.1
32
2.7
19
2.4
15
2.2
11
2.1
9.0
1.9
8.2
ns
VCCI = 2.5 V ± 0.2 V
2.8
31
2.4
17.5
2.1
13.5
1.9
9.1
1.7
7.5
1.6
6.6
ns
VCCI = 3.3 V ± 0.3 V
2.7
31
2.3
17
2.0
13
1.8
8.5
1.6
6.9
1.4
5.8
ns
tpd
propagation
delay
VCCI = 5.0 V ± 0.5 V
2.7
31
2.2
16.5
1.9
12.5
1.6
8.1
1.4
6.4
1.2
5.0
ns
Y output
tt
transition
time
VCCI = 1.1 V to 5.5 V
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
ns
Tamb = -40 °C to +125 °C
A to Y
[1]
VCCI = 1.2 V ± 0.1 V
4.0
38
3.6
26
3.4
22
3.1
17
2.9
15
2.7
15
ns
VCCI = 1.5 V ± 0.1 V
3.5
33
3.0
22
2.8
17.5
2.6
13.5
2.4
11.5
2.2
10.5
ns
VCCI = 1.8 V ± 0.15 V
3.1
32
2.7
20
2.4
16
2.2
12
2.1
9.7
1.9
9.4
ns
VCCI = 2.5 V ± 0.2 V
2.8
31
2.4
18.5
2.1
14.5
1.9
9.8
1.7
8.1
1.6
7.1
ns
VCCI = 3.3 V ± 0.3 V
2.7
31
2.3
18
2.0
14
1.8
9.2
1.6
7.5
1.4
6.3
ns
tpd
propagation
delay
VCCI = 5.0 V ± 0.5 V
2.7
31
2.2
17.5
1.9
13.5
1.6
8.8
1.4
6.9
1.2
5.5
ns
Y output
tt
transition
time
VCCI = 1.1 V to 5.5 V
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
ns
[1] tpd is the same as tPLH and tPHL.
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
12 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com