Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP1T34GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # AXP1T34GS
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button AXP1T34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved AXP1T34GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
11.1. Waveform, graphs and test circuit
aaa-018930
tTLH
tTHL
tPLH
tPHL
VM
VM
VM
VI
VOH
VOL
Y output
A input
0 V
VM
10 %
10 %
90 %
90 %
Measurement points are given in Table 15.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 3. Input A to output Y propagation delay times and output transition times
Table 15. Measurement points
Supply voltage
Output
Input
VCCI
VCCO
VM
VM
VI
0.9 V to 5.5 V
0.9 V to 5.5 V
0.5 x VCCO
0.5 x VCCI
VCCI
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Test data is given in Table 16.
RL = Load resistance;
CL = Load capacitance including jig and probe capacitance;
RT = Termination resistance;
VEXT = External voltage for measuring switching times.
Fig. 4. Test circuit for measuring switching times
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
13 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com